Part Number Hot Search : 
560M20 560M20 MAX17 TFS70H13 DT74ALV 2805S 74HC4011 IRFR410
Product Description
Full Text Search
 

To Download 24428 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  metric standoffs and spacers 72 tel (718) 956-8900 ? fax (718) 956-9040 (800) 221-5510 ? kec@keyelco.com www.keyelco.com 31-07 20th road C astoria, ny 11105-2017 ro hs compliant ~ iso 9001 certified ? male/female female cat. no. l cat. no. 5.0 hex (m3 thread) 6.0 25508 8.0 25509 25501 10.0 25510 25502 12.0 25511 25503 15.0 25512 25504 18.0 25513 25505 20.0 25514 25506 25.0 25515 6.0 25528 8.0 25529 25521 10.0 25530 25522 12.0 25531 25523 15.0 25532 25524 18.0 25533 25525 20.0 25534 25526 25.0 25535 note: female standoffs longer than 19mm may be tapped from both ends 6.0 hex dia. (m4 thread) 5.0 24490 24410 24450 6.0 24491 24411 24451 8.0 24492 24412 24452 24301 ** 24325 ** 24349 ** 10.0 24493 24413 24453 24302 * 24326 * 24350 * 12.0 24494 24414 24454 24303 24327 24351 15.0 24495 24415 24455 24304 24328 24352 18.0 24496 24416 24456 24305 24329 24353 20.0 24497 24417 24457 24306 24330 24354 25.0 24498 24418 24458 5.5 hex dia. (m3 thread) 5.0 24480 24400 24440 6.0 24481 24401 24441 8.0 24482 24402 24442 24295 24319 24343 10.0 24483 24403 24443 24296 24320 24344 12.0 24484 24404 24444 24297 24321 24345 15.0 24485 24405 24445 24298 24322 24346 18.0 24486 24406 24446 24299 24323 24347 20.0 24487 24407 24447 24300 24324 24348 25.0 24488 24408 24448 5.0 hex dia. (m3 thread) 5.0 24470 24390 24430 6.0 244 7 1 24391 24431 8.0 24472 24392 24432 24289 24313 24337 10.0 24473 24393 24433 24290 24314 24338 12.0 24474 24394 24434 24291 24315 24339 15.0 24475 24395 24435 24292 24316 24340 18.0 24476 24396 24436 24293 24317 24341 20.0 24477 24397 24437 24294 24318 24342 25.0 24478 24398 24438 thread size tl a m2.5 4.0 5.0 m3 8.0 8.0 m4 10.0 11.0 male/female * internal thread: 8.0mm deep ** internal thread: 6.0mm deep material: nylon: 6/6, ul rated 94v-2 choice of: steel, zinc plate ? nylon: 6/6, ul rated 94v-2 cat. no. l dim 8843 3.0 8844 4.0 8845 6.0 8846 8.0 8847 10.0 8848 12.0 8849 14.0 8850 16.0 8851 18.0 steel nylon 6/6 cat. no. l cat. no. m2.5 thread 29301 6.00 29331 29304 12.00 29334 29306 16.00 29336 m3 thread 29311 6.00 29341 29314 12.00 29344 29316 16.00 29346 29318 25.00 29348 m4 thread 29321 6.00 29351 29324 12.00 29354 29326 16.00 29356 29328 25.00 29358 ? one end locks into chassis, the other end locks into the pc board. choice of: stainless: astm a581/a582 brass: astm-b16 aluminum: qq-q-225/3 plating: nickel plating: clear iridite (qq-n-290) (mil-c-5541) l for 1,57 thick pcb for 1,57 chassis 4,83 3,18 6,00 for 4,00 dia. mounting hole for 4,00 dia. mounting hole material: nylon 6/6, ul rated 94v-2 female male/female female 4.00 mm male/female female stainless brass aluminum stainless brass aluminum cat. no. cat. no. cat. no. l cat. no. cat. no. cat. no. 4.5 hex dia. (m2.5 thread) 5.0 24460 24380 24420 6.0 24461 24381 24421 8.0 24462 24382 24422 24283 24307 24331 10.0 24463 24383 24423 24284 24308 24332 12.0 24464 24384 24424 24285 24309 24333 15.0 24465 24385 24425 24286 24310 24334 18.0 24466 24386 24426 24287 24311 24335 20.0 24467 24387 24427 24288 24312 24336 25.0 24468 24388 24428 5.5 hex (m4 thread) l a tl thread thread a l a hex thread hex thread l l thread hex thread hex thread l note: female standoffs longer than 19mm may be tapped from both ends metric standoffs metric nylon standoffs metric nylon lock-in support metric screws m60 section 4 frev3:9-2011 12/20/11 1:32 pm page 72


▲Up To Search▲   

 
Price & Availability of 24428

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X